Part Number Hot Search : 
LDO514 5887123 E005759 27AFCT F2002 Z5238B C1CH5 UPA1758
Product Description
Full Text Search
 

To Download BR2321W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BR2321W rev.d nov.-2015 data sheet http://www.fsbrec.com 1 / 7 sot-323 ?? p mos ?? p-channel mosfet in a sot-323 plastic package. ?? trench fet power mosfets. ?? high speed switch. ? / equivalent circuit pin1 s pin 2 g pin 3 d ? / marking marking hd1 / descriptions / features ? / applications / pinning 3 1 2
BR2321W rev.d nov.-2015 data sheet http://www.fsbrec.com 2 / 7 parameter symbol ? rating unit drain-source voltage v dss -20 v gate-source voltage v gss 12 v drain current ? continuous i d -4.3 a drain current? pulsed i dm -15 a total power dissipation p d 625 mw storage temperature range t stg -55 150 junction-to-ambient r ja 140 /w parameter symbol test conditions ? min ? typ ? max unit drain?source breakdown voltage v (br)dss v gs =0v i d =-10 a-20 v gate threshold voltage v gs(th) v ds =v gs i d =-250 a-0.4 -1.0 v static drain?source on?resistance r ds(on)1 v gs =-4.5v i d =-4.3a 44 57 m ? r ds(on)2 v gs =-2.5v i d =-2.5a 61 76 r ds(on)3 v gs =-1.8v i d =-1.3a 84 110 zero gate voltage drain current i dss 1 v ds =16v v gs =0v -1 a i dss 2 v ds =16v v gs =0v t j =55 -10 a gate?body leakage. i gss v gs =12v v ds =0v 100 na drain?source diode forward v oltage v sd i s =-1.6a v gs =0v -1.2 v forward t r ansconductance g fs v ds =-5v i d =-3.3a 3 s total gate charge q g v ds =-6v i d -3.3a v gs =-4.5v 8 13 nc gate-source charge q gs 1.2 gate-drain charge q gd 2.2 input capacitance c iss v ds =-6v v gs =0 f=1mhz 715 pf output capacitance c oss 170 reverse transfer capacitance c rss 120 turn?on delay time t d(on) v dd =-6v r l =6 ? v gen =-4.5v i d -1a r g =6 ? 15 25 ns turn?on rise time t r 35 55 turn?off delay time t d(off) 60 90 turn?off fall time t r 40 60 ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
BR2321W rev.d nov.-2015 data sheet http://www.fsbrec.com 3 / 7 ? / electrical characteristic curve
BR2321W rev.d nov.-2015 data sheet http://www.fsbrec.com 4 / 7 ? / electrical characteristic curve
BR2321W rev.d nov.-2015 data sheet http://www.fsbrec.com 5 / 7 ?? / package dimensions
BR2321W rev.d nov.-2015 data sheet http://www.fsbrec.com 6 / 7 ?? / marking instructions ? h: ?? d1 ??? note: h company code d1: product type. hd1
BR2321W rev.d nov.-2015 data sheet http://www.fsbrec.com 7 / 7 ?? ( ? ) / temperature?profile?for?ir?reflow?soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 245 5 ?? 5 0.5sec; 2.peak temp.:245 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 260 5 ?? 10 1 sec. temp:2605 time:101 sec ? / packaging spec. ?? / reel package type ?? units ? dimension ?? (unit mm 3 ) units/reel ? / reels/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / reel inner box outer box sot-323 3,000 10 30,000 8 240,000 7 8 180120180 385257392 ?? / notices


▲Up To Search▲   

 
Price & Availability of BR2321W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X